Part Number Hot Search : 
1858035W BA110LST 25N201 LTC1504 HL6750MG FDD6N20 AAT1120 BAT54A
Product Description
Full Text Search
 

To Download NFS-50A-1314BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NF Series
Specifications
Insulation Resistance: Withstanding Voltage: Contact Resistance: Current Rating: Operating Temp. Range: Soldering Temperature:
B-t-B Socket, 1.27mm Pitch (for NFP Solder Dip Box Header)
Part Number (Details)
1,000M min. at 500V DC 500V AC rms for 1 minute 15m max. at 10mA 1A -20C to +85C 260C / 5 sec.
NFS
Series
(socket)
-
40A - 1314
BF
No. of Leads Terminal Type: 4 = Straight Solder Dip
Materials and Finish
Housing: PBT (glass filled), UL 94V-0 rated Contacts: Phosphor Bronze Plating: Au over Ni
Type of Plating:
Base BF Ni 2.5~4.5m Mating Face Au 0.3m min. Solder Terminals Au 0.05m min.
Features
Contact pitch 1.27mm connectors for high-density mounting
Outline Dimensions
Contact Details
Recommended PCB Layout
Top View
For all other leads
For leads 34 and 50
Standard type
Part No.
NFS-40A-1314BF
No. of Leads
40
A
30.13
B
24.12
For the following versions below please contact Yamaichi, minimum order quantity may be required
NFS-34A-1314BF NFS-50A-1314BF NFS-60A-1314BF NFS-64A-1314BF NFS-80A-1314BF
34 50 60 64 80
26.32 36.48 42.83 45.37 55.53
20.32 30.48 36.83 39.37 49.53
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER


▲Up To Search▲   

 
Price & Availability of NFS-50A-1314BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X